Part Number Hot Search : 
LV8220FN TS612 ISPLS SE7812 TA8808BN 2950116 31818 DG12864
Product Description
Full Text Search
 

To Download NRSX822M63V8X20TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
VERY LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS FEATURES * VERY LOW IMPEDANCE includes all homogeneous materials * LONG LIFE AT 105C (1000 ~ 7000 hrs.) *See Part Number System for Details * HIGH STABILITY AT LOW TEMPERATURE * IDEALLY SUITED FOR USE IN SWITCHING POWER SUPPLIES & ..CONVERTORS CHARACTERISTICS
NRSX Series
RoHS Compliant
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance After 1 min. Max. Leakage Current @ (20oC) After 2 min.
Max. Tan @ 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz
Load Life Test at Rated W.V. & 105C 7,000 Hours: 16 ~ 18 5,000 Hours: 12.5 4,000 Hours: 10 3,000 Hours: 6.3 ~ 8 2,500 Hours: 5 1,000 Hours: 4 Shelf Life Test 105C 1,000 Hours No Load Max. Impedance at 100Khz & -20C Applicable Standards
PART NUMBER SYSTEM NRSX 101 M 25V 6.3X11 TR F
6.3 ~ 50 VDC 1.0 ~ 15,000F -55 ~ +105C + 20% (M) 0.03CV or 4A, whichever if greater 0.01CV or 3A, whichever if greater W.V. (Vdc) 6.3 10 16 25 S.V. (Vdc) 8 13 20 32 C < 1,200F 0.22 0.19 0.16 0.14 C = 1,500F 0.23 0.20 0.17 0.15 C = 1,800F 0.23 0.20 0.17 0.15 C = 2,200F 0.24 0.21 0.18 0.16 C = 2,700F 0.25 0.22 0.19 0.17 C = 3,300F 0.26 0.23 0.20 0.18 C = 3,900F 0.27 0.24 0.21 0.19 C = 4,700F 0.28 0.25 0.22 0.20 C = 5,600F 0.30 0.27 0.24 C = 6,800F 0.32 0.29 0.26 C = 8,200F 0.35 0.32 0.29 C = 10,000F 0.38 0.35 C = 12,000F 0.42 C = 15,000F 0.48 Z-25C/Z+20C 3 2 2 2 Z-40C/Z+20C 4 4 3 3
Capacitance Change
Tan
Leakage Current
35 44 0.12 0.13 0.13 0.14 0.15 0.16
50 63 0.10 0.11 0.11 0.12
2 3
2 2
Within +20% of initial measured value
Less than 200% of specified maximum value
Less than specified maximum value
Capacitance Change Within +20% of initial measured value Tan Less than 200% of specified maximum value Leakage Current Less than specified maximum value Less than 2 times the impedance at 100Khz & +20C JIS C5141, C5102 and IEC 384-4
RIPPLE CURRENT CORRECTION FACTOR Cap. (F) 1.0 ~ 330 390 ~ 1000 1200 ~ 2200 2700 ~ 15000 Frequency (Hz) 120 0.40 0.50 0.70 0.90 1K 0.68 0.76 0.85 0.95 10K 0.78 0.87 0.90 1.00 100K 1.00 1.00 1.00 1.00
RoHS Compliant TB = Tape & Box (optional) Case Size (mm) Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F Series (R)
28
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
Miniature Aluminum Electrolytic Capacitors
LEADSPACING AND DIAMETER (mm)
Case Dia. 4x7 5x7 6.3x7 5x11 6.3x11 8 10 ~ 12.5 16 ~ 18 2.5 2.0 2.5 0.5 3.5 5.0 0.6 7.5 0.8
L + max. 15mm Min. 4mm Min.
NRSX Series
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
Lead Space(F) 1.5 2.0 Lead Dia. (d) 0.45
D
= 1.5 L < 20 or 2.0 L > 20 SLEEVE COLOR: DARK BROWN
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V. (Vdc) Cap. (F) 27 56 100 120 220 270 330 390 470 560 820 1200 1500 1800 2200 2700 3300 3900 5600 6800 8200 10000 12000 15000 22 39 82 10 100 150 180 220 330 (R) Code 270 560 101 121 221 271 331 391 471 561 821 122 152 182 222 272 332 392 562 682 822 103 123 153 220 390 820 101 151 181 221 331 Case Size D x L(mm) 4x7 5x7 5 x 11 6.3 x 7 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 8 x 12.5 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 22 10 x 22 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 25 16 x 25 16 x 31.5 16 x 35 18 x 35.5 18 x 35.5 4x7 5x7 5 x 11 6.3 x 7 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 Lead Space (mm) 1.5 2.0 2.0 2.5 2.5 2.5 2.5 3.5 3.5 3.5 3.5 5.0 3.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 1.5 2.0 2.0 2.5 2.0 2.5 2.5 2.5 3.5 Max. Tan at 120Hz 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.23 0.23 0.24 0.25 0.26 0.27 0.30 0.32 0.35 0.38 0.42 0.48 0.19 0.19 0.19 0.19 0.19 0.19 0.19 0.19 Max. LC (A) 2 minutes 3.0 3.5 6.3 7.5 13.9 17.0 20.8 24.6 29.6 35.3 51.7 75.6 94.5 113 139 170 208 246 353 428 517 630 756 945 3.0 3.9 8.2 10 15 18 22 33 Max. Z() 100Khz/20C 2.0 0.95 0.42 0.45 0.22 0.22 0.30 0.11 0.11 0.11 .085 .069 .062 .044 .062 .039 .039 .038 .038 .029 .031 .022 .018 .018 .015 .015 1.15 .49 .42 .24 .42 .22 .22 .22 .11 Max. Ripple Current 100Khz/105C (mA rms) 65 120 190 200 300 300 280 560 560 570 730 800 800 1050 1250 1150 1450 1450 1600 1600 1800 1780 2100 2350 2550 3200 3200 90 160 190 280 190 300 300 300 560
6.3
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
29
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V. (Vdc)
(F)
390
470
560
680
820
1000
1200
NRSX Series
Cap.
Code
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
150
270
470
560
680
101
121
221
271
331
391
471
561
Case Size D x L(mm)
8 x 12.5
8 x 12.5
10 x 12.5
8 x 15
10 x 12.5
10 x 16
8 x 20
10 x 16
10 x 20
12.5 x 16
10 x 22
12.5 x 20
12.5 x 20
12.5 x 25
12.5 x 25
16 x 25
16 x 25
16 x 25
16 x 31.5
16 x 35
18 x 35.5
4x7
5x7
5 x 11
5 x 11
6.3 x 7
5 x 11
6.3 x 11
6.3 x 11
8 x 11.5
8 x 12.5
8 x 12.5
10 x 12.5
8 x 15
10 x 12.5
10 x 16
Lead Space (mm)
3.5
3.5
5.0
3.5
5.0
5.0
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
7.5
7.5
1.5
2.0
2.0
2.0
2.0
2.5
2.5
3.5
3.5
3.5
5.0
3.5
5.0
5.0
Max. Tan at 120Hz
0.19
0.19
0.19
0.19
0.19
0.19
0.19
0.20
0.20
0.21
0.22
0.23
0.24
0.25
0.27
0.29
0.35
0.35
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
0.16
Max. LC (A) 2 minutes
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
3
4.3
7.5
9.0
2.5
10.9
16
19
35
43
53
62
75
90
Max. Z () 100Khz/20C
.11
.16
.085
.085
.09
.062
.069
.062
.044
.063
.039
.038
.038
.029
.029
.022
.022
.022
.018
.018
.018
1.15
.49
.42
.42
.49
.42
.22
.22
.11
.11
.16
.085
.085
.062
Max. Ripple Current 100Khz/105C (mA rms)
570
410
800
730
800
1050
800
1050
1250
1150
1450
1600
1600
1800
1880
2100
2100
2100
2350
2550
2800
90
160
190
190
280
190
300
300
560
570
410
800
730
800
1050
10
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
15
27
47
56
68
100
16
120
220
270
330
390
470
560
(R)
30
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V. (Vdc) (F) 680 820 1000 1200 1500 1800 16 2200 2700 3900 4700 5600 6800 8200 10 22 39 47 82 100 180 25 220 270 330 390 470 560 680 Cap. Code 681 821 102 122 152 182 222 272 392 472 562 682 822 100 220 390 470 820 101 181 221 271 331 391 471 561 681 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 22 10 x 22 12.5 x 20 12.5 x 25 12.5 x 25 16 x 25 12.5 x 30 16 x 25 16 x 25 16 x 31.5 16 x 35 16 x 35 18 x 35.5 4x7 5x7 5 x 11 6.3 x 7 5 x 11 6.3 x 11 6.3 x 11 8 x 12.5 8 x 12.5 10 x 12.5 8 x 15 10 x 12.5 10 x 16 8 x 20 10 x 16 10 x 20 12.5 x 16 10 x 22 3.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 7.5 7.5 7.5 7.5 7.5 7.5 1.5 2.0 2.0 2.5 2.0 2.5 2.5 3.5 3.5 5.0 3.5 5.0 5.0 3.5 5.0 5.0 5.0 0.16 0.16 0.16 0.16 0.17 0.17 0.18 0.17 0.19 0.21 0.22 0.24 0.26 0.29 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 109 131 160 192 240 288 352 432 432 624 752 896 1088 1310 3.0 5.5 9.8 12 21 25 45 55 68 83 98 118 140 170 .069 .062 .044 .063 .039 .039 .038 .029 .022 .025 .022 .022 .018 .018 .018 .018 1.15 .49 .42 .24 .42 .22 .22 .11 .11 .085 .085 .062 .069 .062 .044 .063 .039 Case Size D x L(mm) Lead Space (mm) Max. Tan at 120Hz Max. LC (A) 2 minutes Max. Z () 100Khz/20C
NRSX Series
Max. Ripple Current 100Khz/105C (mA rms) 800 1050 1250 1150 1450 1450 1600 1800 1800 2100 2310 2100 2100 2350 2550 2550 2800 90 160 190 280 190 300 300 570 570 850 730 800 1050 800 1050 1250 1150 1450
Discontinued
(R)
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
31
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Cap.
NRSX Series
W.V. (Vdc)
(F)
Code
Case Size D x L(mm)
Lead Space (mm)
Max. Tan at 120Hz
Max. LC (A) 2 minutes
Max. Z () 100Khz/20C
Max. Ripple Current 100Khz/105C (mA rms)
820
1000
1200
1500
821
102
122
152
182
222
272
332
392
472
6R8
120
220
270
330
470
560
680
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
10 x 22
12.5 x 20
12.5 x 20
12.5 x 25
12.5 x 25
16 x 25
16 x 25
16 x 25
16 x 31.5
16 x 35
18 x 35.5
4x7
5x7
5 x 11
5 x 11
6.3 x 7
5 x 11
6.3 x 11
6.3 x 11
6.3 x 11
8 x 11.5
8 x 12.5
8 x 12.5
10 x 12.5
8 x 15
10 x 12.5
10 x16
8 x 20
10 x 20
10 x 22
10 x 22
12.5 x 20
12.5 x 20
12.5 x 25
12.5 x 25
12.5 x 25
16 x 25
16 x 25
16 x 31.5
16 x 35
18 x 35.5
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
7.5
7.5
1.5
2.0
2.0
2.0
2.5
2.0
2.5
2.5
2.5
3.5
3.5
3.5
5.0
3.5
5.0
5.0
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
7.5
0.14
0.14
0.14
0.15
0.15
0.16
0.17
0.18
0.19
0.20
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.13
0.13
0.14
0.15
0.16
205
250
300
375
450
550
675
825
975
1175
3.0
4.2
7.7
9.5
12
17
20
24
35
42
53
63
77
95
116
137
165
196
238
287
350
420
525
630
770
945
1155
.039
.038
.038
.029
.029
.022
.022
.022
.018
.018
.018
1.15
.49
.42
.42
.29
.42
.22
.22
.22
.11
.11
.11
.085
.085
.062
.069
.044
.039
.039
.038
.038
.029
.029
.029
.022
.022
.018
.018
.018
1450
1600
1600
1800
1800
2100
2100
2100
2350
2550
2800
90
160
190
190
280
190
300
300
300
560
570
570
800
730
800
1050
800
1250
1450
1450
1600
1600
1800
1800
1800
2100
2100
2350
2550
2800
25
1800
2200
2700
3300
3900
4700
6.8
12
22
27
33
47
56
68
100
120
150
180
220
35
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
(R)
32
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Cap. W.V. (Vdc) (F) 1.0 2.2 3.3 4.7 10 15 22 33 47 68 50 100 150 220 330 470 680 1000 1500 2200 Code 1R0 2R2 3R3 4R7 100 150 220 330 470 680 101 151 221 331 471 681 102 152 222 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 16 10 x 22 12.5 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35 18 x 35.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.5 2.5 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.11 0.12 3.0 3.0 3.0 3.0 5.0 7.5 11 17 24 34 50 75 110 165 235 340 500 750 1100 3.3 3.0 2.7 2.0 2.0 1.2 .70 .43 .43 .26 .16 .12 .088 .11 .072 .059 .059 .045 .039 .025 .024 Case Size D x L(mm) Lead Space (mm) Max. Tan at 120Hz Max. LC (A) 2 minutes Max. Z () 100Khz/20C
NRSX Series
Max. Ripple Current 100Khz/105C (mA rms)
30 45 55 90 90 130 160 220 220 360 550 760 950 810 1000 1200 1200 1400 1750 2300 2400
(R)
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
33


▲Up To Search▲   

 
Price & Availability of NRSX822M63V8X20TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X